Part Number Hot Search : 
AN7191Z SP708CU 18R153C SG7915K 10061 TL0144 LG209D LFXP20
Product Description
Full Text Search
 

To Download MTP610G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODULAR TELEPHONE PLUGS
Adam Technologies, Inc.
INTRODUCTION: Adam Tech MTP series Modular Telephone Plugs are manufactured to terminate flat oval or round telephone cord to REA and Cat. 5 EIA/TIA specifications. Our double strain relief design, molded in polycarbonate, is manufactured with contacts pre-loaded in a variety of sizes and options including shielding and specific contacts for flat or round cable. Adam Tech is a major supplier of telephone line cords to the telecommunications industry. FEATURES: Preassembled Contacts REA Compliant Terminations Cat. 5 and 5E available Contacts for Flat of Round wire Short or Long body choices Shielded versions MATING TELEPHONE JACKS: Adam Tech modular telephone jack series and all industry standard telephone Jacks. SPECIFICATIONS: Material: Insulator: Polycarbonate, rated UL94V-0 Insulator Color: Clear, (Blue optional) Contacts: Phosphor Bronze Contact Plating: Gold Flash (optional 15 or 30 in) over nickel underplate. Electrical: Operating voltage: 150V AC max. Current rating: 1.5 Amps max. Contact resistance: 20 m max. initial Insulation resistance: 500 M min. Dielectric withstanding voltage: 1000V AC for 1 minute Mechanical: Cable to plug tensile strength: 7.71 Kgs (17 lbs) min. Durability: 250 Cycles min. Wire range: 26 to 28 Awg Temperature Rating: Operating temperature: -40C to +70C PACKAGING: Anti-ESD plastic bags SAFETY AGENCY APPROVALS: UL Recognized File No. E224049
MTP SERIES
ORDERING INFORMATION MTP 6 4 U
SERIES INDICATOR MTP = Modular telephone plug, standard oval wire type MTPR = Modular telephone plug for round cable
PLATING U = 15 in gold W = 30 in gold G = 50 in gold
PLUG SIZE 4, 6, 8 or 10
NO. OF CONTACTS 4, 6, 8 or 10
Pb
UL
(R)
(R)
(R)
DE
V
RoHS
COMPLIANT 2002 / 95 / EC
OPTIONS: Add designator(s) to end of part number K = Molded in key (Plug size 8 & 10 only) S = Solid wire contacts EMI = Metal shielded type (Plug size 8 or 10 only) OL = Offset Latch (Plug size 6 only) BU = Clear Blue insulater color
RoHS
COMPLIANT
48
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
RoHS
COMPLIANT
MODULAR TELEPHONE PLUGS
Adam Technologies, Inc.
4P4C PLUG 4P4C PLUG CONTACT OPTION OPTION CONTACT Contact
MTP SERIES
Options
MTP-44
4P4C PLUG
.197 [5.0] .197 [5.0] .10 [2.52] .10 [2.52]
.260 [6.60] .260 [6.60]
Stranded Stranded Solid Standard Stranded Solid Optional Solid Wire Contact Contact Wire Wire Contact Contact Wire
Wire Contact
Wire Contact
.022 [0.56]
.022 [0.56]
.525 [13.34] [13.34] .525
CABLE OPTION OPTIONPlug CABLE
Options
.300 [7.62] .300 [7.62]
MTP-44-G
Flat Oval Flat Oval MTP Cable Cable 6P6C PLUG 6P6C PLUG
Round Cable Round Cable MTPR
Oval Wire Opening
Round Wire Opening
MTP-66
6P6C PLUG
.240 [6.10] .240 [6.10] .128 [3.25] .128 [3.25]
.260 [6.60] .260 [6.60]
Flat Oval Cable with Flat Oval Cable MTP Offset Latch Offset Latch Offset Latch
Round Cable Round with MTPR Cable Offset Latch Offset Latch Offset Latch
Option
.022 [0.56] .022 [0.56] .525 [13.34] [13.34] .525
Option
SHIELDPlug with Metal OPTIONSOPTIONS SHIELD
EMI Shield Option
.380 [9.65] .380 [9.65]
MTP-66-G MTP-64-G
SHIELD OPTIONS Half Shield Half Shield
MTP-88-G-EMI
8P8C PLUG 8P8C PLUG 10P10C PLUG 10P10C PLUG
MTP-88
8P8C PLUG
.240 [6.10] .240 [6.10] .128 [3.25] .128 [3.25] Full Shield Full Shield Half Shield
.312 [7.92] .312 [7.92]
MTP-1010
10P10C PLUG
Full Shield
.845 [21.46] [21.46] .845 .022 [0.56] .022 [0.56] .460 [11.68] [11.68] .460
MTP-1010-G
.460 [11.68] [11.68] .460
MTP-88-G
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
49


▲Up To Search▲   

 
Price & Availability of MTP610G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X